Part Number Hot Search : 
LF9501 FQA16N50 FERP10F 1583010 STN4102 MZP4731 MAX232CW WCS1702
Product Description
Full Text Search
 

To Download T1068NLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 rohs peak reflow temperature rating 245?c models matched to leading quad and dual t1/ e1/cept/isdn-pri transceivers crosstalk: -65 db or better ul1950 recognized (some parts pending approval) rohs compliant versions available upon request tou mechanical usaf858f674f8100 germanyf49f7032f7806f0 singaporef65f6287f8998 shanghaif86f21f62787060 chinaf86f755f33966678 taiwanf886f3f4356768 electrical specifcations @ 25 ? c rohs compliant part number package/ schematic std temp. ex temp tx rx tx rx tx rx tx rx transmit receive t1064nl - 1:1.14 1:1.14ct 1.2 1.2 .6 .6 35 35 tou/1 1-2,f6-7,f11-12,f16-17 38-36,f33-31,f28-26,f23-21 t1065nl t1105nl 1:2ct 1:2ct 1.2 1.2 .8 .8 35 35 tou/3 4-5,f9-10,f14-15,f19-20 24-25,f29-30,f34-35,f39-40 t1068nl t1108nl 1:2ct 1:1ct 1.2 1.2 .6 .6 35 35 tou/2 1-2,f6-7,f11-12,f16-17 21-22,f26-27,f31-32,f36-37 t1071nl - 1:1/1.26 1:2ct 1.2 1.2 .6 .6 35 35 tou/2 1-2,f6-7,f11-12,f16-17 21-22,f26-27,f31-32,f36-37 t1073nl - 1:2 1:2 1.2 1.2 .6 .6 35 35 tou/4 1-3,f6-8,f11-13,f16-18 4-5,f9-10,f14-15,f19-20 t1124nl t1114nl 1:2ct 1ct:2 1.2 1.2 .6 .6 35 35 tou/3 4-5,f9-10,f14-15,f19-20 1-3,f6-8,f11-13,f16-18 t1142nl t1231nl 1:2.4 1:1 1.0 1.0 .5 .5 35 35 tou/5 1-2,f8-9,f11-12,f18-1 9 24-25,f27-28,f34-35,f37-38 t1145nl - 1:2/2.4 1:0.79/1 1.0 1.0 1.0 1.0 35 35 tou/6 1-2,f9-10,f11-12,f19-20 37-36,f35-34,f27-26 - tx1262nl 1:2 1:2 1.2 1.2 .7 .7 35 35 tou/5 1-2,f6-7,f11-12,f16-17 3-4,f8-9,f13-14,f18-19 - tx1264nl 1:2ct 1ct:1 1.2 1.2 .6 .6 35 35 tou/3 4-5,f9-10,f14-15,f19-20 1-3,f6-8,f11-13,f16-18 - tx1266nl 1:2 1:1 1.2 1.2 .6 .6 35 35 tou/4 1-3,f6-8,f11-13,f16-18 4-5,f9-10,f14-15,f19-20 - tx1295nl 1:1.26ct 1:1.26ct 1.2 1.2 .6 .6 35 35 tou/3 4-5,f9-10,f14-15,f19-20 24-25,f29-30,f34-35,f39-40 weight ......................3.8fgrams tape & reel ..................175/reel tray ..............................105/tray dimensions: unlessfotherwisefspecifed,ffallftolerancesfaref inches mm .010 0,25 turns ratio (pri:secf 2%) ocl @ 25 ? c (mhfmin) l ( hfmax) ww (pffmax) primary pins notes: chart notes fandftoufschematicsfarefonfpagef2. l c t622.k (04/12) pulseelectronics.com t1/e1/cept/isdn-pri transformers quad port t1/e1 with 8 transformers, 1500 vrms
2 transformer selection guide ic mfr. ic part number comments octal smt std temp ext temp mindspeed (conexant) notes from electrical specifcations table a. ocl (primaryfinductance)fisfmeasuredfatfthefprimaryfwinding.fturnsfratiofisfspecifedfprimary:fff fffffsecondary. b. to make a 1ct:1 fratioffromfaf1ct:2ctfratio,fusefonlyfone-halffoffthefsecondaryf(2ct)fwinding. c. it is possible ftofusefthefsameftransformerfmodelfforfthefthreefimpedanceflevelsfofft1f(100fw)fandfceptf ffff(75f ? f&f120f ? ).ffforfspecifcfconnectionfinformationfandfresistorfvalues,freferftoficfvendorsfdatafff ffffbook. d. dual ratio transformer f(t1071nlfandft1145nl)f-ftheseftransformersfhaveftappedfsecondaryfwindingsff fffff ffff part number turns ratio 1 secondary pins turns ratio 2 secondary pins 1:1 40-39 1:1.26 40-38 1:1 35-34 1:1.26 35-33 1:1 30-29 1:1.26 30-28 1:1 25-24 1:1.26 25-23 1:2 40-39 1:2.4 40-38 1:2 33-32 1:2.4 33-31 1:2 30-29 1:2.4 30-28 1:2 23-22 1:2.4 23-21 t1071nl t1145nl e. dual ratio transformer fforfthefsurfacefmountfpackagefisfanti-staticftubes.foptionalftapef&freelf fffffpackagingfcanfbeforderedfbyfaddingfaftfsufxftofthefpartfnumber,f(i.e.ft1064nlt). f. extended temperature frangefmodelsf-fforfextendedftemperaturefrangeftransformersf(-40 ? cftof+85 ? c fffffoperatingftemperaturefrange),foclf(openfcircuitfinductance)fforfthefprimaryfwinding)fisfspecifed ffffatfbothf-40 ? cfandf+25 ? c.fatf-40 ? c,ffoclfisf600f hfminimum.fallfotherfparametersfarefspecifedfatf+25 ? c ffffonly.fstandardftemperaturefrangefisf0 ? cftof+70 ? c. tofprovideftwofturnsfratiosf(t/r).fusefthefentirefprimaryfwindingfandfconnectfthefsecondaryfpinsf listedfbelowftofobtainfdesiredfturnsfratio: tou schematics bt8510 bt8510 cn8380 61318 61577 61304a/5a/535a/574a,/75 61304a/5a/535a/574a,/75 61582,f61583 61310,f61581 61584/84a 61584/82/83/a ds2196 ds2148/q48 ds21352/q352,fds21354/q354 t5683a,f59l91 t5894,ft5897,ft5997 t5791/t93/94/95 83l30/34/38 peb22504 peb22554 peb2256f3.3fv t7689,ft769,ft7698 tliu04c1 mt9076,fmt9075 mt9074,fmt9075 pm4318 lxtf300/301 lxtf304/305/307 lxtf304/305/307 lxtf310/317/318 lxtf331 lxtf331,flxtf332 lxtf334,flxtf335 lxtf334,flxtf335 lxtf336 lxtf350,flxtf351,flxtf359 lxtf360/361/362/363 lxtf380/381/384/386/388 lxtf380/381/384/386/388 lxtf3104,flxtf3108 t1065nl t1065nl t1071nl t1065nl t1142nl t1142nl t1142nl t1064nl t1064nl t1142nl t1068nl t1065nl t1065nl t1065nl t1071nl t1068nl t1068nl t1065nl t1065nl t1071nl t1065nl t1068nl t1068nl t1068nl t1124nl t1068 3.3v 3.3v e1/t1/j1 ds1 ds1 t1,fe1 75fe1,f120e1 t1,fe1 t1/e1 75fe1 t1,fe1 t1,fe1 t1,fe1 t1,fe1 t1105nl t1105nl fffff- t1105nl t1231nl t1231nl t1231nl fff ffff- ffff- t1231nl t1108nl t1105nl t1105nl t1105nl fffff- t1108nl t1108nl t1105nl t1105nl fffff- t1105nl t1108nl t1108nl t1108nl t1114nl t1108nl fff t1068nl t1068nl t1068nl t1108nl t1108nl t1108nl 3v 120fe1 t1f&fe1 75fe1 120fe1 iq3 iq5 t1068nl t1065nl t1068nl t1071nl t1064nl t1068nl t1065nl t1064nl t1108nl t1105nl t1108nl fffff- fffff- t1108nl t1105nl fffff- t1071nl t1071nl t1124nl - - t1114nl t1/e1 t1/e1 cirrus logic (crystal) maxim (dallas) infneon technologies (siemens) intel (levelfone) lucent technologies zarlink (mitel) pmc sierra exar t622.k (04/12) pulseelectronics.com t1/e1/cept/isdn-pri transformers quad port t1/e1 with 8 transformers, 1500 vrms
3 application typical application 1. et product - all coils have an et product of 10 v- sec minimum. 2. flammability - materials used in the products are recognized as ul94-vo approved. products meet the iec 695-2-2 requirements (needle flame test). 3. balance characteristics - the transformers meet the requirements for longitudinal balance of fcc part 68. 4. common mode rejection ratio - the cmrr for all transformers is better than 50db at 1mhz. a typical test circuit is shown below. 5. crosstalk attentuation - in the packages which contain transmit and receive transformers side by side, sufcient crosstalk attentuation is achieved by the inherent characteristics of the toroid cores as well as by their proper positioning. the crosstalk attentuation is typically 65 db or better. this result was established with the test circuit shown below. 6. return loss - itu-t g.703 and european national regulatory documents specify minimum return loss levels. the transformers will allow these limits to be complied with the situations where they are applicable. frequency 50-100 khz 10 khz-2mhz 2-3 mhz return loss transmit 9 db 15 db 11 db receive 12 db 18 db 14 b 7. surge voltage capability - all transformers and chokes meet surge voltage tests according to the most stringent regulatory documents, when used with the proper voltage and current suppression devices: metallic voltage: 800 v peak, 10/560 sec longitudinal voltage: 2,400 v peak, 10/700 sec 8. isolation voltage - 100% of transformers are tested during the specifed isolation voltage level. 9. general information - the transformers are specifcally designed for use in 1.544 mbps (t1), 2.048 mbps (cept) and isdn primary rate (pri) interface applications. they are matched to the majority of the line interface transceiver ics currently available. use of the proper transformer allows the interface circuit to comply with itu-t g.703 and other standards regarding pulse waveform, return loss, and balance. 10. common mode chokes - additional high-frequency 4-line common mode chokes may be used to provide an efective means of complying with national and international regulations on emi. the common mode chokes are designed to be used in conjunction with pulses t1/cept transformers as shown in the typical application below. crosstalk is typically -65 db or better. hp-8751a p1 p2 50:100 balun 100:50 balun xfmr 50:100 balun 100:50 balun xfmr hp-8751a p1 p2 100 100 t622.k (04/12) pulseelectronics.com t1/e1/cept/isdn-pri transformers quad port t1/e1 with 8 transformers, 1500 vrms
4 tou in sh schematic schematic mechanicals 1 40 2 39 3 38 5 36 6 35 7 34 8 33 31 30 29 28 26 25 24 23 21 10 11 12 13 15 16 17 18 20 2 l c electrical specifcations @ 25c rohs compliant part number number of lines turns ratio ( 5%) ocl ( hfmin ) w/w ( pffmax ) l ( hfmax ) dcr ( ? fmax ) isolation ( vrmsfmin ) package/schematic t8008nl* 16f(8fxf2fline) 1:1f(8fplaces) 47.0 25 .18 0.40 500 tou/2f(surfacefmount) pe-65554nl 4 1:1:1:1 24.0 15 .20 0.30 500 in/1f(throughfhole) pe-65555nl 4 1:1:1:1 8.0 10 .20 0.25 500 in/1f(throughfhole) pe-65854nl 4 1:1:1:1 47.0 16 .20 0.30 500 sh/1f(surfacefmount) pe-65857nl 4 1:1:1:1 24.0 15 .23 0.30 500 la/1f(surfacefmount) *notes: pleasefseefpagef1fforftoufmechanicalfspecifcations. high frequency common mode chokes t622.k (04/12) pulseelectronics.com t1/e1/cept/isdn-pri transformers quad port t1/e1 with 8 transformers, 1500 vrms
5 for more information pulse worldwide headquarters 12220fworldftradefdrive sanfdiego,fcaf 92128 u.s.a. tel:f858f674f8100 fax:f858f674f8262 pulse europe einsteinstrassef1 d-71083fherren - berg germany tel:f49f7032f78060 fax:f49f7032f7806f135 pulse china headquarters b402,fshenzhenfacademyfof aerospaceftechnol - ogyfbldg. 10thfkejinanfroad high-techfzone nanshanfdistrict shenzen,fprfchinaf 518057 tel:f86f755f33966678f fax:f86f755f33966700 pulse north china roomf2704/2705 superfoceanffinancef ctr. 2067fyanfanfroadf west shanghaif200336 china tel:f86f21f62787060f fax:f86f2162786973 pulse south asia 135fjoofsengfroad #03-02 pmfindustrialfbldg. singaporef368363 tel:f65f6287f8998ff fax:f65f6287f8998 pulse north asia 3f,fno.f198 zhongyuanfroad zhonglifcity taoyuanfcountyf320 taiwanfr.fo.fc. tel:f886f3f4356768 fax:f886f3f4356823f(pulse)ff fax:f886f3f4356820f(fre) performancefwarrantyfoffproductsfoferedfonfthisfdatafsheetfisflimitedftofthefparametersfspecifed.fdatafisfsubjectftofchangefwithoutfnotice.fotherfbrandfandfproductfnamesfmentionedfhereinfmayfbef trademarksforfregisteredftrademarksfofftheirfrespectivefowners.f?fcopyright,f2012.fpulsefelectronics,finc.fallfrightsfreserved. la mechanical schematic weight ......................0.3fgrams....................2fgrams......................2.5fgrams tape & reel ................1500/reel...................250/reel..............................(n/a) tray ................................25/tray....................30/tube..........................35/tube dimensions: unlessfotherwisefspecifed,fallftolerancesfaref inches mm .010 0,25 pulseelectronics.com t1/e1/cept/isdn-pri transformers quad port t1/e1 with 8 transformers, 1500 vrms t622.k (04/12)


▲Up To Search▲   

 
Price & Availability of T1068NLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X